Part Number Hot Search : 
FSQ5W 0K109 178M05 P6KE39 TFS707 ICX081AK R2020 MX5284
Product Description
Full Text Search
 

To Download 5034800600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
5034800600 Active
0.50mm (.020") Pitch Easy-OnTM BackFlipTM FPC Connector, 1.00mm (.039") Height, Right Angle, SMT, Dual Contact Style, 6 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-503480-001 (PDF) RoHS Certificate of Compliance (PDF) Series FFC/FPC Connectors 503480 BackFlipTM, Easy-OnTM image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Product Name
Physical
Circuits (Loaded) Color - Resin Contact Position Durability (mating cycles max) Entry Angle Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style Wire/Cable Type 6 Black, White Dual 10 90 Angle 0.039 In 1.00 mm Phosphor Bronze Gold Gold, Tin 1 Right Angle No Yes Embossed Tape on Reel 0.020 In 0.50 mm Yes No -40C to +85C Surface Mount FFC/FPC
Search Parts in this Series 503480Series
Electrical
Current - Maximum per Contact Voltage - Maximum 0.5A 50V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing SPK-503480-001 PS-503480-001, RPS-503480-001, RPS-503480-002, RPS-503480-003 SD-503480-001, SD-503480-002
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 5034800600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X